Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 147 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 147 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 144Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 145Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 146Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
6-5
6.5
Fax Timing Registers
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
125 uS Prescaler
(125usPrescaler)
01FF8881
(Not Used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
125 uS Prescaler
(125usPrescaler)
01FF8880
n (8 bits) as applied in the equation: (n+1)*(ICLK period *8)
Rst Value
00h
Read Value
00h
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
ICLK(AUXCLK)
Period
(ICLKPeriod)
01FF8883
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) (Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
ICLK(AUXCLK)
Period
(ICLKPeriod)
01FF8882
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
IHSCLK
Period
ICLK (AUXCLK) Period
ICLK=
SIUCLK/(ICLKPeriod + 1)
Rst Value
xxxxx111b
Read Value
07h
IHSCLK = MCLK/(IHSCLKPeriod + 1)
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Mechanical
Subsystem (MS)
Period
(MSINTPeriod)
01FF8885
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Mechanical
Subsystem (MS)
Period
(MSINTPeriod)
01FF8884
2MSIRQ
Select
0=1MSIRQ
1=2MSIRQ
(Not Used)
n (6 bits) as applied in the equation: (n+1)*125 uS Prescaler period)
Rst Value
0x000000b
Read Value
0x000000b
On Reset, the 125usPrescaler, 1-ms Timer, and MSINT counters are disabled. Writing to the MSINTPeriod
register enables these timers and counters. In addition, the 125usPrescaler must be set to the appropriate value
in order for the WatchDog and timing chains to operate correctly.
If a new value is written into the MSINTPeriod register while the MSINT counter is running, the new value is not
loaded into the counter until it counts down to 0.
1MS/2MSIRQ is a programmable interrupt source. If the ‘2MSIRQ Select’ bit (bit7) of the MSINTPeriod register is
set to 0, the interrupt is generated every 1ms (1.00708ms). If the ‘2MSIRQ Select’ bit (bit7) of the MSINTPeriod
register is set to 1, the interrupt is generated every 2ms (2.01416ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com