Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 139Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 140Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 141Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 144Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 145Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 146Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
6-1
6. Fax Timing Control Interface
6.1
PLL
6.1.1
Description
The MFC2000 is an ASIC that provides multifunctional control for color fax, color scan and color printing. The
ASIC includes an ARM microprocessor running at 30 MHz, 37.5 MHz or 40 MHz and a Countach Imaging DSP
running at 100 MHz or 85.7 MHz. Additionally, the ASIC also supports the USB interface running at 48 MHz and
the AUXCLK at 10 MHz.
The PLL for the ASIC is designed to provide all the above frequencies in six operating modes based on the
combination of ARM frequency select and Countach Imaging DSP frequency select. The six operating modes are
defined in the following table.
6.1.2
Frequency Requirement
The frequencies for the six operation modes are defined as follows:
Table 6-1. Operation Mode Frequencies
CLKConfig[1:0]
CLKConfig[2]
ARM (SIUCLK)
Countach
USB
AUXCLK
00
1
30 MHz
85.7 MHz
48 MHz
10 MHz
01
1
37.5 MHz
85.7 MHz
48 MHz
10 MHz
10
1
40 MHz
85.7 MHz
48 MHz
10 MHz
00
0
30 MHz
100 MHz
48 MHz
10 MHz
01
0
37.5 MHz
100 MHz
48 MHz
10 MHz
10
0
40 MHz
100 MHz
48 MHz
10 MHz
11
Don’t Care
The MFC2000 can only operate in one mode at a time. The mode selection is made during the reset through
clock configuration pins (CLKConfig[2:0]). The input reference frequency is 28.224 MHz, which is generated by a
crystal oscillator pad. 28.224MHz is also used for the internal P80 modem DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com