Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 140 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 140 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 137Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 138Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 139Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 140Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 141Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 144Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
5-14
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Watchdog Interval
(WatchdogInterval)
01FF8043
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Watchdog Interval
(WatchdogInterval)
01FF8042
Watchdog Interval (n = 0-255)
(n*1ms)
Rst. Value
00h
Read Value
00h
• Once enabled, the Watchdog Timer can only be disabled by reset.
• On reset, the Watchdog Timer is disabled until it is enabled by writing to the WatchdogInterval register
followed by writing $0F and $F0 to the WatchdogEnRetrigger register.
• The basic Watchdog time-out unit (1 ms) is based on the internal 125 µsec timer. Therefore, the
125µsPrescaler and MSINTPeriod registers (used to activate the timer) must be set in order to operate the
Watchdog Timer.
• The accuracy of the time-out period is equal to the accuracy of the 125 µsec timer with an additional error of
up to 1 msec (i.e., the amount of error is dependent on the relationship of the trigger point to the internal 1 msec
timer).
• If N is programmed into the WatchdogInterval register, the Watchdog Timer time-out period is "N * 1 ms" (N =
0 - 255).
• Reading the address of the WatchdogInterval register returns the value of N that was programmed into the
WatchdogInterval register.
• The following conditions do not enable the watchdog timer:
Only the first write to the WatchdogInterval register is valid. The subsequent writes to this register are ignored.
Any other data written to the WatchdogEnRetrigger register between the times $0F and $F0 are written is
ignored.
Once enabled, the Watchdog Timer is retriggered on the writing of alternate $0F and $F0. (Writing of any other
data, and the writing of repetitive $0F or $F0 is ignored.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com