Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 136 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 136 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 132Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 133Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 134Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 135Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 137Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 138Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 139Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 140Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
5-10
Conexant
100723A
5.1.7
POWER DOWN DETECTION
The power down detection circuit was only external for the MFC1000 chip. The PWRDWNn input signal to
MFC1000 is the output of the external power down detection circuit. The MFC2000 has two internal power down
detectors. The PWRDWNn is configurable either from internal power down detectors or from external power down
detector. The EXT_PWRDWN_SELn is used to select internal or external power down detector. The external
power down detector is selected when the EXT_PWRDWN_SELn pin is low. If the internal power detectors are
selected, the combination of two power down detector can be further selected through the internal register. The
purpose of having internal power down detector is to automatically generate reset after voltage drop on the power
supply without having external power down detector. The power supply voltage is compared with internally
generated threshold voltages. In order to prevent erratic resets, the comparator is designed with hysteresis
feature. During the power up, the output of the comparator will be low when the power supply voltage is at least
Von. Then as the voltage continues to increase and becomes larger than Von, the comparator output will be high. If
at any time, the supply voltage drops below the threshold voltage level of Voff, then the comparator output will be
low.
POWER1
+
pwr_down1
POWER2
+
Voltage Detector
pwr_down2
Reference
Voltage
Figure 5-5. Internal Power Detection
ADGA
Input Voltage (V)
V
hys
V
off
ADVA
[Sia2k-comp-tf.vcd]
Figure 5-6. Figure Caption Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com