Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 132 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 132 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 128Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 129Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 130Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 131Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 132Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 133Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 134Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 135Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
5-6
Conexant
100723A
5.1.5
Power on/off Sequence
5.1.5.1
Power Type
+3.3V prime power signal
•
Connect to VDD pins on the MFC2000 chip to supply prime power to the MFC2000 die in the MFC2000 chip.
+5V prime power signal
•
Connect to ADVA and ADVD pins on the MFC2000 chip to supply prime power to the ADC die in the
MFC2000 chip.
•
Connect to VGG pins on the MFC2000 chip to supply +5v prime power to all +5v tolerant pads in the
MFC2000 chip.
+3V battery power signal
•
Connect to the VBAT pin on the MFC2000 chip to supply battery power to the battery backup RTC in the
MFC2000 chip and external SRAM.
•
Connect to the VDRAM pin on the MFC2000 chip to supply battery power to the battery backup DRAM
refresh logic in the MFC2000 chip and external DRAM.
5.1.5.2
Prime Power Sequence
It is recommended that +3.3v prime power signal is supplied first and then, supply +5v prime power signal for the
prime power-on sequence. In other words, The voltage level of +5v prime power signal must be lower than the
voltage level of +3.3v prime power signal before +3.3v prime power signal reaches the stable level.
V+5 is turned off first and then, turn off V+3.3 for the prime power-off sequence. In other words, The voltage level of
+5v prime power signal must be always lower than the voltage level of +3.3v prime power signal during the
power-off sequence.
The recommended connection between +5v prime power signal and VGG is shown:
1Kohm
.1uF
+5V
VGG
Figure 5-4. +5v Prime Power Signal and VGG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com