Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 134 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 130Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 131Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 132Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 133Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 134Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 135Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 137Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
5-8
Conexant
100723A
Bit 8:
Bank 0 Interface Size
This register defines whether the databus to the bank 0 DRAMs is 8
bits wide or 16 bits wide. An 8-bit wide DRAM interface uses RASn[0]
and CASOn[0]. A 16-bit wide non-interleaved DRAM interface uses
RASn[0] and CASOn[1:0]. A 16-bit wide interleaved DRAM interface
uses RASn[0], CASEn[1:0], and CASOn[1:0].
Bits 7-6:
DRAM Battery Backup Time
These bits control the amount of time that the DRAM controller will
spend refreshing the DRAMs when in the battery backup mode. After
reset when the CPU is being released to run, the CPU will not be able
to write data to bits 7 and 6 of the BackupConfiguration register
immediately since the immediate write will not take effect. The CPU
must wait at least one oscillator clock cycle before writing data into bits
7 and 6.
Bit 7
Bit 6
Battery Backup Duration:
0
0
No battery backup
0
1
1-2 days
1
0
2-3 days
1
1
Infinite
Bit 5-4:
DRAM Refresh Rate
These bits are used to set up the DRAM refresh rate. See the
following table:
Refresh
Speed:
(bit 5)
Oscillator
Speed:
(bit 4)
Refresh
Speed:
Description:
0
0
normal
RTC crystal frequency = 32.768 kHz,
Refresh clock = the crystal frequency= 32.768 kHz,
The refresh cycle time = 15.625 ms/1024 cycles.
0
1
fast
RTC crystal frequency = 65.536 kHz,
Refresh clock = the crystal frequency = 65.536 kHz,
Refresh cycle time = 7.8125 ms/1024 cycles.
1
0
slow
RTC crystal frequency = 32.768 kHz,
Refresh clock = the crystal frequency/8 = 4.096 kHz
Refresh cycle time = 125 ms/1024 cycles.
1
1
slow
RTC crystal frequency = 65.536 kHz,
Refresh clock = the crystal frequency/16 = 4.096 kHz
Refresh cycle time = 125 ms/1024 cycles.
Bits 3:
Bank 1 Enable
This bit controls whether or not the Bank 1 DRAMs will be enabled.
The Enable signal will allow CAS before RAS refresh to occur based
on the non-interleave or interleave setting. If the bank setting indicates
a non-interleaved mode, RASn[1] and CASOn[0] (8-bit mode) or
CASOn[1:0] (16-bit mode) will refresh the DRAM. If the bank setting
indicates an interleaved mode, RASn[1], CASOn[1:0] and CASEn[1:0]
will refresh the DRAM. DWRn will be high during refresh. CASEn[1:0]
will be tristated if Bank 0 is in non-interleaved mode. If this bit is set to
a zero, RASn[1] will be tristated. Default disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com