Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 135 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 131Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 132Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 133Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 134Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 135Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 137Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 138Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
5-9
Bit 2:
Bank 0 Enable
This bit controls whether or not the Bank 0 DRAMs will be enabled.
The Enable signal will allow CAS before RAS refresh to occur based
on the non-interleave or interleave setting. If the bank setting indicates
a non-interleaved mode, RASn[0] and CASOn[0] (8-bit mode) or
CASOn[1:0] (16-bit mode) will refresh the DRAM. If the bank setting
indicates an interleaved mode, RASn[0], CASOn[1:0] and CASEn[1:0]
will refresh the DRAM. DWRn will be high during refresh. CASEn[1:0]
will be tristated if Bank 1 is in non-interleaved mode. If this bit is set to
a zero, RASn[0] will be tristated. Default disabled.
Bit 1:
Bank 1 Interleave Enable
This register defines whether the bank 1 DRAMs are to be accessed
using 2-way interleave or non-interleaved access. 2-way interleaved
access is only valid with a 16-bit interface (the 16 bit vs. 8 bit interface
size bit for bank 1 is not used by the DRAM controller in the interleave
mode, but is used by the SIU to output the data correctly).
Bit 0:
Bank 0 Interleave Enable
This register defines whether the bank 0 DRAMs are to be accessed
using 2-way interleave or non-interleaved access. 2-way interleaved
access is only valid with a 16-bit interface (the 16 bit vs. 8 bit interface
size bit for bank 1 is not used by the DRAM controller in the interleave
mode, but is used by the SIU to output the data correctly).
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Lock Enable
(LockEnn)
01FF80A1(DW)
A Dummy write to the Lock Enable register will enable the battery/prime power lockout sequence for a power
down condition.
Rst. Value
xxh
Read Value
xxh
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Lock Enable
(LockEnn)
01FF80A0 (DW)
A Dummy write to the Lock Enable register will enable the battery/prime power lockout sequence for a power
down condition.
Rst. Value
xxh
Read Value
xxh
• A write to this register enables the battery power lockout sequence for a power down condition. Lockout can
only be cleared by resn.
• This is not a battery backed-up register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com