Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 135Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 137Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 138Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 139Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 140Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 141Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
5-13
0
N-1
1ms
(N-1)ms
1ms
T1msCI
WDRES
Counter
Enable
SIUCLK
Figure 5-9. Watchdog Time-Out Timing Diagram
5.2.1
Watchdog Timer Registers
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Watchdog Enable
Retrig.
(WatchdogEnRetrigger)
01FF8041
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Watchdog Enable
Retrig.
(WatchdogEnRetrigger)
01FF8040 (W)
Writing 0Fh followed by F0h to this register after setting the Watchdog Interval register will enable the
Watchdog timer.
(The 125
µsPrescaler must be initialized before activating the Watchdog timer.) Always reads back ‘00h’.
Rst. Value
00h
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com