Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 138 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 138 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 134Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 135Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 136Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 137Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 138Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 139Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 140Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 141Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
5-12
Conexant
100723A
4.
As soon as the Watchdog Timer is enabled, the Time-out Down Counter begins counting.
The Time-out Down Counter is decremented based on a 1 ms pulse which is derived from (125 µs prescaler
period /8); the count occurs on the rising edge of SIUCLK.
After the Time-out Down Counter reaches 'zero', the (internal) watchdog reset signal becomes active at the next 1
ms pulse. The watchdog reset immediately activates the internal resn and external RESETn signals. These resets
are deactivated when the Power Up Delay 2 timer times out (i.e., 8 SIUCLK's).
In order to prevent the Watchdog Timer from timing-out and generating a reset pulse, it must be retriggered by
writing $0F followed by $F0 to the WatchdogEnRetrigger register. This action causes the value in the
WatchdogInterval register to be re-loaded into the Time-out Down Counter.
Note:
The 125us prescaler must be initialized before activating the watchdog timer.
BLOCK 1, 2, 3, 4, and 5
RESETn
1ms pulse
SIUCLK
DATA
BUS
WATCHDOG
TIMER
CONTROL
2
WATCHDOG
ENRETRIGGER
REGISTER
3
WATCHDOG
RESET
GENERATOR
4
TIME-OUT DOWN
COUNTER
5
DATA
BUS
WATCHDOG
INTERVAL
REGISTER
1
WDRE
S
Figure 5-8. Watchdog Timer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com