Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 144 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 144 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 140Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 141Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 144Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 145Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 146Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
6-2
Conexant
100723A
6.2
Fax Timing Logic
The fax timing logic block generates all of the time bases needed by the MFC2000. The fax timing logic block
diagram is provided in Figure 6-1.
(1) I_LCLPHI is only used internally to indicate the SIUCLK cycle before the last SIUCLK cycle in one ICLK time period.
(2) IHS_LCLPHI is only used internally to indicate the SIUCLK cycle before the last SIUCLK cycle in one IHSCLK time period.
(3) ICLK is the base clock for internal peripherals and is only used internally to synchronize all the internal logic. The
frequency of ICLK must be equal to or less than 10MHz. ICLK duty cycle is 33% when ICLK = SIUCLK/3.
(4) IHSCLK is the high speed base clock for the PIO and Bit Rotation blocks and is only used internally to synchronize all the
internal logic. The frequency of IHSCLK must be equal to or less than 20MHz.
(5) AUXCLK has the same frequency as ICLK and is output to the external world through a pin. AUXCLK is used to
synchronize external peripherals. AUXCLK duty cycle is always 50% no matter what is the relationship between ICLK and
SIUCLK.
(6) MMCLK is the base clock for the motor control logic.
(7) TIM_8MS is used by the PIO Block.
(8) TIM_1MS is the base clock for the the watchdog timer.
(9) TIM_MSINT is used to synchronize the scanning and motor stepping.
(10) TIM_1MS/2MSIRQ is used to generate an interrupt every 1ms or 2ms (selectable). The actual period of the 1MSIRQ =
1.00708 ms and 2MSIRQ = 2.01416ms
Notes:
(from RTC)
MMCLK
ONEMSCLK
TIM_1MS/2MSIRQ
SIUCLK
Divide
By 8
Divide
By B
B= [ICLK period]+1
B is from 2 to 4
ICLKand
AUXCLK
Divide
By C
C= [Prescaler]+1
C is from 1 to 256
Divide
By D
D= [MSINT
perild]+1
D is from 1 to 64
WATCHDOG
TIMING
GENERATOR
TIM_MSINT
1MS/2MSIRQ
GENERATOR
TIM_1MS_SIUCLK
Divide
By A
IHS_LCLPHI
IHSCLK
A= [IHSCLK
period]+1
A is from 1 to 2
I_LCLPHI
TIM_125US_SIUCLK
IHSCK1X_SELn
Divide
By 8
TIM_8MS
TIM_125US_ICLK
Figure 6-1. Fax Timing Control Logic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com