Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 145 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 145 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 141Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 142Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 143Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 144Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 145Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 146Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
6-3
6.3
MFC2000 Timing Chain
The MFC2000 timing chain is illustrated in Figure 6-2.
ICLK
(AUXCLK)
Divide by B
SIUCLK
Divide by 8
Divide by
G
Divide by 8
Divide by
C
A = [IHSCLK Period] + 1
Divide by
E
Divide by
D
about
1ms
for Watchdog Timer
D = [MSINT Period] + 1
E = [ Scan Cycle] + 1
Scan Cycle
Divide by 2
Divide by 8
Divide by
H
G = [ScanDotScaler] +1
H = [ScanDotPeriod] + 1
VC1Pos, VC1Neg
ScanBytes(2-512 bytes)
CLK1, CLK1N
CLK2Pos, CLK2Neg
StartPos, StartNeg
ADCSamplePos
VC0Pos, VC0Neg
1MS/2MSIRQ Gen.
1MS/2MSIRQ*
ONEMSCLK(from RTC)
Divide by
F
F = [ Step Clock ] + 1
STEPCLK for vertical
print motor stepping
and scan motor stepping
MMCLK
B = [ICLK Period] + 1
Divide by A
C = [125us Prescaler] + 1
IHSCLK
ADCLK
on/off Control
ADCLK for ADC die
MSINT for scanning
and motor stepping
synchronization
for Tone Generator
Divide by 8
125us synchronized to SIUCLK
about
8ms
for PIO
for Watchdog Timer and
bell/ring generator
Figure 6-2. MFC2000 Timing Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com