Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 151 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 151 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 147Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 148Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-3
7.1.1
Function Description
Features for scanner controller:
•
supports wide variety of CIS and linear CCD scanners (color or monochrome)
•
supports up to 8192 (= 2
13) pixels/line
•
programmable pulse width modulation for light control (up to 3 LEDs)
•
programmable clamping signal (mode, delay, width, length)
•
programmable sampling location (mode, location)
•
supports external 12-bit ADC with programmable latency and programmable data transfer position
MFC2000
Pin function
Alias
sc_led0
LEDCtrl[0]
scctrl[0]
sc_st0
start[0]
scctrl[1]
sc_led0st1
LEDCtrl[1]/start[1]
scctrl[2]
sc_led2st2
LEDCtrl[2]/start[2]
scctrl[3]
sc_clk12a
clk1/clk2a
scctrl[4]
sc_clk12b
clk1/clk2b
scctrl[5]
sc_clk12c
clk1/clk2c
scctrl[6]
A brief description of signal functionality:
start
Sensor control signal which is only active at the beginning of a scan cycle in order to initiate the transfer of
sensor data
clk1
Sensor control signal which toggles at pixel boundary; thus the frequency of this signal is half of pixel frequency
clk2
Sensor control signal whose rising and falling edges are programmable within a pixel period; thus the
frequency of this signal is the same as the pixel frequency
LEDCtrl
Light control signal which can either be the envelope or the modulation signal.
The rising and falling edge of the envelope and the duty cycle of the modulation are programmable.
7.1.2
Register Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Control
(ScanCtrl)
$01FF8541
(Not Used)
(Not Used)
LEDCtrl[2]
enable
LEDCtrl[1]
enable
LEDCtrl[0]
enable
start[2]
enable
start[1]
enable
start[0]
enable
Rst. Value
xx000000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Control
(ScanCtrl)
$01FF8540
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Scan Once
Rst. Value
xxxxxxx0b
Read Value
00h
Bit 13-11 LEDCtrl[2:0] enable
This bit will be synchronized with “cycle_start”, and it is not auto
cleared.
Bit 10-8
start[2:0] enable
This bit will be synchronized with “cycle_start”, and it is not auto
cleared.
Bit 0
ScanOnce
Writing 1 to this bit will initiate an image line scanning operation.
This bit will be cleared automatically once the operation has been
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com