Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 154 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 154 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 157Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 158Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-6
Conexant
100723A
Notes
1.
Bits [4:0] of this register specify the number of MSINTs (1-32) per Scan Cycle.
Total Scan Cycle Period = [MSINT period * (ScanCycle register value + 1)].
2.
The transition from maximum count to 0 determines the start of a scan cycle.
3.
Reading bits [4:0] of this register returns the current scan cycle MSINT count.
4.
This register must be set up prior to enabling the scan (i.e., setting the “scanenable” bit in
ScanConfig register).
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan
Configuration
(ScanConfig)
$01FF8893
MSINT
IRQ
Enable
scctrl[6]
invert
scctrl[5]
invert
scctrl[4]
invert
scctrl[3]
invert
scctrl[2]
invert
scctrl[1]
invert
scctrl[0]
invert
Rst. Value
00h
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan
Configuration
(ScanConfig)
$01FF8892
(Not Used)
External
ADC
Enable
scctrl[6]
select
0: clk1
1: clk2c
scctrl[5]
select
0: clk1
1: clk2b
scctrl[4]
select
0: clk1
1: clk2a
scctrl[3]
select
0: led2
1: start
scctrl[2]
select
0: led1
1: start
Scan
Enable
Rst. Value
xx000000b
Read Value
00h
Bit 15
MSINT IRQ Enable
When this bit and ScanEnable bit are set, an interrupt will be
generated based on the MSINT IRQ location defined in ScanCycle
register.
Bit 14-8
scctrl[6:0] invert
These bits are used to invert the polarity of the corresponding control
signal.
Bits 6 External ADC Enable
0 = internal ADC as the source of adc data
1 = external ADC as the source of adc data
Bit 5-1 scctrl[6:0] select
These bits are used to configure which scanner controller signals
should be connected to the pins.
Bit 0 Scan Enable
This bit must be set in order to activate the scanner controller logic.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Dot
Control
(ScanDotCtrl)
$01FF8895
(Not Used)
Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Dot
Control
(ScanDotCtrl)
$01FF8894
Scan Dot Scaler Value (0-15)
n as used in the following equation:
(n+1)*IHSCLK
Scan Dot Period (1-15)
n as used in the following equation:
(n+1)*ScanDotScaler
Rst Value
00h
Read Value
00h
Bits 7-4
ScanDotScaler
(n: 0-15), (n+1) * IHSCLK period
Bits 3-0
ScanDotPeriod
(n: 1-15), (n+1) * ScanDotScaler
Note: ScanDotPeriod = 0 is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com