Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 158 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 158 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 157Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 158Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 159Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 160Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 161Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 162Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-10
Conexant
100723A
Bits 15
Mode
This mode will only affect the number of sample pulses and not the
number of sampled data to be stored into memory.
0 = sampling continuously as long as ScanEnable = 1
1 = sampling valid pixels only
Bits 7-4
SampleNeg
SampleNeg establishes the trailing edge of the Sample signal relative
to the start of each dot period, and is specified in ScanDotScaler clock
periods.
Bits 3-0
SamplePos
SamplePos establishes the leading edge of the Sample signal relative
to the start of each dot period, and is specified in ScanDotScaler clock
periods.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Clamp Control
(ClampCtrl)
$01FF88A7
Clamp
Mode
Internal
Clamp
Enable
External
Clamp
Enable
External
Clamp
Guardband
Enable
External
Clamp
Invert
(Not Used)
(Not Used)
(Not Used)
Rst Value
0xxxxxxxb
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Clamp Control
(ClampCtrl)
$01FF88A6
(Not Used)
ClampLengh[6:0]
Rst Value
x0000000b
Read
Value 00h
Bit 15
ClampMode (1 = line–based, 0 = pixel–based)
Setting the ClampMode bit causes line-based clamping to be used.
Clearing this bit causes pixel-based clamping to be used.
For line–based clamping, the clamp signal is enabled for the number
of dots specified in ClampLength register, and can occur either before
or after the valid pixel data, as selected by the ClampDelay register.
For pixel–based clamping, the clamp signal runs continuously
throughout the entire scanline.
Bits 6-0
ClampLength[6:0]
This value specifies the number of pixels to be used for line–based
clamping.
Note: Both internal and external clamp share the same control signals for ‘shift’ and ‘delay’.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Clamp Delay
(ClampDelay)
$01FF88A9
Clamp
Position
(Not Used)
Clamp Delay[13:8]
Rst Value
0x000000b
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Clamp Delay
(ClampDelay)
$01FF88A8
Clamp Delay [7:0]
Rst Value
00h
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com