Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 156 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 156 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 157Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 158Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 159Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 160Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-8
Conexant
100723A
Bits 7-4
StartNeg (0-15)
StartNeg establishes the location of the START signal trailing edge.
Bits 3-0
StartPos (0-15)
StartNeg establishes the location of the START signal leading edge.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Start Config
(StartConfig)
$01FF889D
Guardband
Enable for
scctrl[6]
Guardband
Enable for
scctrl[5]
Guardband
Enable for
scctrl[4]
Guardband[4:0]
(in terms of pixel period)
Rst. Value
00h
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Start Config
(StartConfig)
$01FF889C
Offset[3:0]
(in terms of pixel period)
Length[3:0]
(in terms of pixel period)
Rst. Value
xxxxxxx0b
Read Value
00h
Bit 15-13 Guardband Enable for scctrl[6:4]
When a guardband is enabled, then the corresponding control signal
will not change (will be “frozen”) for the duration specified by
“guardband” in bit 12-8.
Bit 12-8
Guardband[4:0]
Some scanner requires a quiet period while start pulse is active.
Within this quiet period, only the start pulse will be toggling while other
control signals are prevented from toggling. The duration of this period
is determined by guardband * pixelperiod.
Bit 7-4
Offset[3:0]
The start pulse can be moved with respect to the start of scan cycle by
this offset value which is expressed in terms of pixel period.
Bit 3-0
Length[3:0]
The duration of the start pulse is programmable according to this
“Length” value.
Start pulse duration is [length + 1] * pixel_period
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Clk2a Edges
(Clk2aEdges)
$01FF889F
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Clk2a Edges
(Clk2aEdges)
$01FF889E
Clk2aNeg Value (0-15)
Clk2aPos Value (0-15)
Rst Value
00h
Read Value
00h
Bits 7-4
Clk2aNeg
Clk2aNeg establishes the trailing edge of the Clk2a signal relative to
the start of each dot period, and is specified in ScanDotScaler Clock
periods.
Bits 3-0
Clk2aPos
Clk2aPos establishes the leading edge of the Clk2a signal relative to
the start of each dot period, and is specified in ScanDotScaler Clock
periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com