Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 153 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 153 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 149Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 150Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 151Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 152Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 153Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 154Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 155Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 156Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 157Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
7-5
Bit 15-8
Shift Enable[7:0]
These bits are used to shift scanner controller signals by ½ ihsclk. By
default, all scanner controller signals are synchronized to the rising
edge of ihsclk. By setting this bit, the corresponding scanner controller
signal will be shifted by ½ ihsclk, i.e., it will be synchronized to the
falling edge of ihsclk.
ShiftEnb[7]: to shift ‘sample’ signal
ShiftEnb[6:1]: to shift ‘scctrl[6:1]’ signals
ShiftEnb[0]: to shift ‘clamp’ signal
Bit 2
VSC on EV bus
When this bit is set, the “EV_VD[5:0]” bus will be turned into output
with the following signals on the bus:
EV_VD[5:0]
Output signals
5
ScanIAConfig[5] as GPO
4
ScanIAConfig[4] as GPO
3
sample/clk2d
2
clk1/clk2c
1
clk1/clk2b
0
clamp
Bit 1
ihsclk period
0: ihsclk period = sysclk period
1: ihsclk period = sysclk period/2)
This bit determines the period of ihsclk (the primary clock of VSC).
Bit 0
VSC Mode
0: scanner
1: video
This mode will determine the source of data.
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Scan Cycle
(ScanCycle)
$01FF8891
(Not Used)
(Not Used)
(Not Used)
MSINT IRQ location
Rst. Value
xxx11111h
Read Value
1Fh
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Scan Cycle
(ScanCycle)
$01FF8890
(Not Used)
(Not Used)
(Not Used)
Scan Cycle (n)
MSINTs per Scan Cycle = (n+1)
Rst. Value
xxx00000b
Read Value
00h
Bits 12-8 MSINT IRQ location
The value written here is double-bufferred. At the beginning of a scan
cycle, the value will be transferred into another buffer which is
compared to a scan cycle counter. If the value in the buffer matches
the value in the counter, then an interrupt will be generated (if it is
enabled) at the beginning of the count.
Bits 4-0
Scan Cycle
(n, n = 0-31; MSINTs per scan cycle = n+1)
The value written here is double-buffered. At the beginning of a scan
cycle, the value will be transferred into another buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com