Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 170 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 170 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 166Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 167Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 170Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 171Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 172Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 173Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 174Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-22
Conexant
100723A
cycle_start
LEDCtrl[0]enb
LEDCtrl[0]enb_status
LEDCtrl[0]
(write to ScanCtrl reg)
(read fromScanCtrl Status reg)
ScanStartDelay
LED0PosEdge
LED0NegEdge
LED0PWMClkDiv[2:0]
LED0PWMDutyCycle[7:0]
write '1'
write '0'
synchronized to cycle_start
LEDCtrl[1]enb
LEDCtrl[1]enb_status
LEDCtrl[1]
(write to ScanCtrl reg)
(read fromScanCtrl Status reg)
ScanStartDelay
LED1PosEdge
LED1NegEdge
LED1PWMClkDiv[2:0]
LED1PWMDutyCycle[7:0]
write '1'
write '0'
synchronized to cycle_start
LEDCtrl[2]enb
LEDCtrl[2]enb_status
LEDCtrl[2]
(write to ScanCtrl reg)
(read fromScanCtrl Status reg)
ScanStartDelay
LED2PosEdge
LED2NegEdge
LED2PWMClkDiv[2:0]
LED2PWMDutyCycle[7:0]
write '1'
write '0'
synchronized to cycle_start
write ScanCtrl[13:11]
with 100b
vsc_irq
time
write to vsc_irq
clear register
vsc_irq comes
write ScanCtrl[13:11]
with 010b
write to vsc_irq
clear register
vsc_irq comes
write ScanCtrl[13:11]
with 001b
write to vsc_irq
clear register
vsc_irq comes
(place = 0)
(place = 0)
(place = 0)
[led-time.vsd]
Figure 7-6. Untitled Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com