Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 172 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 172 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 168Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 169Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 170Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 171Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 172Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 173Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 174Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 175Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 176Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-24
Conexant
100723A
msintcy
current
cycle
0
1
2
3
0
3
scan_irq
cleared by writing '1' to bit 0 of
V SCIRQStatus register
ScanCycle = 3
3
MSINT
IRQ loc
generated here because MSINT IRQ
location = 3 & current cycle = 3
Figure 7-9. Untitled Timing Diagram
The scanner controller will issue adc_start, adc_drdy, and adc_stop as follows:
adc_start
adc_stop
adc_drdy
1 adc_dclk or more
1 adc_dclk wide
1 adc_dclk wide
Figure 7-10. Untitled Timing Diagram
External ADC timing summary
National: ADC 12662
Vin
S/H
Data[11:0]
min = 5 ns
max = 400 ns
t
conv = 510 - 660 ns
pipeline delay (latency) = 1 cycles
[adc-national-adc12662.vsd]
Figure 7-11. Untitled Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com