Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 176 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 176 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 172Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 173Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 174Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 175Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 176Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 177Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 178Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 179Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 180Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
7-28
Conexant
100723A
Manufacturer
DYNA
Interface:
Part #
DL507–07UAH
Scanner
Description
MFC2000
Type
CIS
LEDR
Red LED control
LEDCtrl[0]
Resolution
300 dpi
LEDG
Green LED control
LEDCtrl[1]
Pixels/line
2552
LEDB
Blue LED control
LEDCtrl[2]
Scan time (color)
7.5 ms/line
SI
Start pulse
start[0]
Scan time (B/W)
CLK
Main clock
clk2a
Data Rate
2.0 MHz (typ)
SIG
Scanner signal
vin
Main clock ‘H’ duty
25 % (typ)
Timing:
dotscaler_ctr
ihsclk
dotperiod_ctr
0
9
0
clk2a
start[0]
50 ns
start[0]
LineTime = 2.5 ms
scanin
SigTime = 1.276 ms
LEDCtrl[0]
can be modulated
envelope of analog signal
pixel counter
0
2552
2560
4992
PixelTime = 500 ns
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5000
ExpTime =1.12 ms
delay of 2 pixels
Figure 7-15. Untitled Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com