Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 19Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 20Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 21Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 22Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 23Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 24Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 25Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 26Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
HDI16
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
23
ICR is a read/write control register that allows the use of bit manipulation instructions on control
register bits. The host processor uses the ICR to control the HDI16 interrupts and flags. The
SC140 core cannot access the ICR. The HPCR[DMA] bit and the HCR[HICR] bit control the
function of the ICR bits.
ICR
Mask Set 2K42A Interface Control Register (DMA = 0, HICR = 0)
0x0
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
—
HF0
HF1
—
INIT
HDM
HF2
HF3 HDRQ TREQ RREQ
Type
R/W
R
R/W
Reset
See Table 18 on page 25
ICR
Mask Set 2K42A Interface Control Register (DMA = 1, HICR = 0)
0x0
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
—
HF0
HF1
—
INIT
HDM
HF2
HF3
—
Note 1 Note 2
Type
R/W
R
R/W
R/W
Reset
See Table 18 on page 25
Notes:
1.
HDM0 when read, TREQ when written
2.
HDM0 when read, RREQ when written
Table 17. Mask Set 2K42A ICR Bit Descriptions
Name
Description
—
0–4
Reserved. Write to zero for future compatibility.
HF0
5
Host Flag 0
A general-purpose flag for host-to-core communication. The host processor can set or clear HF0. HF0 is reflected in the HSR
on the core side of the HDI16.
HF1
6
Host Flag 1
A general-purpose flag for host-to-core communication. The host processor can set or clear HF1. HF1 is reflected in the HSR
on the core side of the HDI16.
—
7
Reserved. Write to zero for future compatibility.
INIT
8
Force Initialization
Used by the host processor to force initialization of the HDI16 hardware (which may or may not be necessary, depending on
the software design of the interface). During initialization, the HDI16 transmit and receive control bits are configured. The type
of initialization performed when the INIT bit is set depends on the state of TREQ and RREQ in the HDI16. The INIT command,
which is local to the HDI16, conveniently configures the HDI16 into the desired data transfer mode. The effect of the INIT
command is described in Table 19. When the host sets the INIT bit, the HDI16 hardware executes the INIT command. The
interface hardware clears the INIT bit after the command executes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com