Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 49Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 50Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
53
•
Internal Rate (Sub Rate). In this mode, the FCC supplies only four PHY devices that have four distinct
addresses. Each channel is controlled by a dedicated hardware timer that is programmed and tuned to the data
rate needed. When a timer expires, a valid cell is sent to the corresponding PHY. The PHY sends idle cells to
keep its synchronization and transmission rate. The same is true for the TC. Once activated with FCC2 in this
mode, the TC requests cells and sends idle cells (UR interrupts can be disabled by clearing TCMODE[URE])
until a valid cell is transferred via the UTOPIA bus from the FCC. See Figure 24.
Operation in byte aligned mode (TCMODE[xTBA] = 1) is required for T1/E1 mainly. In this mode, once the TC is
enabled, it waits for the first Txsyn pulse to start transmit the first byte of the first cell. This ensures that subsequent
Txsyn pulses are byte-aligned to the cell boundaries.
Figure 23. TC Operation in FCC External Rate Mode
Figure 24. TC Operation in FCC Internal Rate Mode (Sub Rate Mode)
FCC
PHY
MSC8103
TC
DPR
CP
UTOPIA
2M Cell Rate
2M Serial Rate
Keep FCC FIFO full
Generate Idle Cells
cell_req
BTM
ATM Channels
Idle Cell
ATM Cell
(External Rate)
FCC
PHY
TC
DPR
CP
UTOPIA
1M Cell Sub Rate
2M Serial Rate
1M Sub Rate
Generate Cell Req
BRG
cell req
Generate Idle Cells
BTM
ATM Channels
Idle cell
ATM cell
(Internal/Sub Rate)
Write to FIFO
ATM Cells Only
MSC8103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com