Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 34Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 35Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 37Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 38Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
38
Freescale Semiconductor
CPM
RCCR configures the CP to run microcode from ROM or RAM and controls the CP internal timer.
Table 32. 2K87M Mask Set RCCR Bit Descriptions
Name
Reset
Description
Settings
TIME
0
0
Timer Enable
Enables the CP internal timer that generates a tick to
the CP based on the value programmed into the
TIMEP field. TIME can be modified at any time to start
or stop the scanning of the RISC timer tables.
0
Timer disabled
1
Timer enabled
—
1
0
Reserved. Write to zero for future compatibility.
TIMEP
2–7
0
Timer Period
Controls the CP timer tick. The RISC timer tables are
scanned on each timer tick, and the input to the timer
tick generator is the general system clock (150 MHz)
divided by 1,024. The formula is (TIMEP + 1)
× 1,024
= (general system clock period). Thus, a value of 0
stored in these bits gives a timer tick of 1
× (1,024) =
1,024 general system clocks and a value of 63
(decimal) gives a timer tick of 64
× (1,024) = 65,536
general system clocks.
EXT
[1–2]M
8–9
0
External Request Mode
Controls the external request sensitivity
Note:
Reserved for future microcode applications.
0
EXT
x is edge sensitive according to EDMx
1
EXT
x is level sensitive according to EDMx
EXT1P
10–11
0
External Request Priority
Controls the external request priority relative to
communication controllers
Note:
Reserved for future microcode applications.
00
EXT
x has higher priority than the
communication
controllers (default)
01
EXT
x has lower priority than the
communications
controllers
10
EXT
x has the lowest priority
11
Reserved
—
12
0
Reserved. Write to zero for future compatibility.
SCD
13
0
Scheduler Configuration
Configure as instructed in the download process of a
Freescale-supplied RAM microcode package.
0
Normal operation
1
Alternate configuration of the scheduler
EXT2P
14–15
0
External Request Priority
Controls the external request priority relative to
communication controllers
Note:
Reserved for future microcode applications.
00
EXT
x has higher priority than the
communication
controllers (default)
01
EXT
x has lower priority than the
communications
controllers
10
EXT
x has the lowest priority
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com