Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
67
CPM45
Error in CLAV Sample Point
Date Added: 5/30/2000
Description: In FCC ATM transmit master mode (multiple PHY only), the CLAV signal is sam-
pled 5 clocks before the end of the cell instead of 4 clocks. This is relevant only for back-to-back
transmission sequence.
Workaround: In multiple PHY fix priority polling mode, by adding a dummy PHY, it is possible
to ensure that the dummy PHY is polled at payload 44 (5 clocks before the end of the cell). This
is possible since the cell length is constant and the number of PHY to poll is also constant.
System Number: 5031
0K40A
1K42A
2K42A
CPM46
Error in Internal Prioritization of CPM Resource
Date Added: 5/30/2000
Description: Each of the communication controllers (FCC, MCC, SCC, ...) issues request for
service to the CPM with different priorities in order to receive the necessary assistance in time.
Because of an internal connection error, the FCC3 request for service is issued with a much lower
priority than intended. Because of this, FCC3 may sporadically overrun when the CPM is heavily
loaded.
Workaround: None
System Number: 5663
0K40A
1K42A
2K42A
CPM48
Error in TDM
Date Added: 5/30/2000
Description: Disabling TDMx may interfere with the operation of TDMy if TDMy uses the SI-
RAM blocks directly above those used by TDMx. For example:
start address of TDMc = 0
start address of TDMb = 2
start address of TDMa = 4
start address of TDMd = 6
when disabling TDMa, TDMb is affected.
when disabling TDMb, TDMc is affected.
when disabling TDMd, TDMa is affected.
when disabling TDMc, No TDM is affected.
Workaround: Instead of disabling a TDM, the user can switch to a shadow RAM that contains
only non supported slots in its entries.
System Number: 5714
0K40A
1K42A
2K42A
CPM49
Error in FEC CAM address recognition
Date Added: 3/14/2002
Description: External CAM address recognition in Fast Ethernet controller does not function.
Workaround: Use microcode patch available from Freescale.
System Number: 5404
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com