Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
65
CPM35
Data Corruption in SCC Transparent Mode
Date Added: 5/30/2000
Description: When SCC transparent, envelope mode is used and the received frame size is (4*n)
+ 1, the last byte is corrupted. When GSMR_H(RFW) - rx FIFO width is used, the received data
is completely corrupted, not just the last byte.
Workaround: The bug can be worked around with a microcode patch.
System Number: System number; 4350
0K40A
1K42A
2K42A
CPM36
SI SYNC Timing Restriction
Date Added: 5/30/2000
Description: SI’s sync signal may not change exactly on clock edge in the following cases. The
bug affects operation only when the SI is in one of two modes:
fsd = 00, ce = 0, fe = 0, dsc=1
(Sync sampled with falling edge -> Sync should not change on rising edge)
fsd = 00, ce = 1, fe = 1, dsc=1
(Sync sampled with rising edge -> Sync should not change on falling edge).
Workaround: When working in these modes, the sync signal to the SI should be manipulated
such that it does not change on the exact edge of the serial clock. Toggle the sync at least 5ns after
the edge. One way to implement such a workaround is to add a noninverting buffer between the
device that generates the sync signal and the MSC8101 that uses it.
System Number: 3258
0K40A
1K42A
2K42A
CPM38
Heartbeat Error and Carrier Sense Lost Error On Two Frames
Date Added: 5/30/2000
Description: There are rare cases when a heartbeat error and carrier sense lost error are reported
on two frames. The error is reported in the frame in which it occurred, but in those rare cases it is
also reported on an adjacent frame.
Workaround: None
System Number: 1547,1550
0K40A
1K42A
2K42A
CPM39
Corruption in AAL0 Cell Payload
Date Added: 5/30/2000
Description: There is a rare case in using the ATM AAL0 transmitter that the AAL0 cell payload
may be corrupted. This can occur in certain internal sequence of events that the user cannot detect
or control.
Workaround:
1. Use the available microcode patch from the web site.
2. When working with AAL0 SAR, place the TCELL_TMP_BASE 64 byte align plus 4. For
example use TCELL_TMB_BASE = 0x2d04 not 0x2d00.
System Number: 4648a
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com