Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 3Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 4Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
Reset
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
7
The major features of the reduce reset configuration include:
•
The MSC8103 samples the signals described in Table 6 at the rising edge of PORESET. If the configured boot
mode is serial, the values for the NMI_OUT, ISB, SWDIS, and DLLDIS fields are programmed from the
system data bus. The mapping of the bits on the data bus is the same as for hardware reset configuration mode.
•
MODCK_H cannot be programmed using this method and the value is set by default to 000. Therefore, only
clock modes 0–1 and 4–7 can be used with this boot mode.
•
In reduced configuration mode, the internal reset is extended for 1024 CLKIN cycles.
•
Although there is no default HRCW in this mode, the bits in the HRCW that are not programmed assume the
default values.
•
During the first 8 CLKIN cycles D[12–15] and D[26–27] are sampled to configure the NMI_OUT, ISB, SWDIS,
and DLLDIS fields in the HRCW. All other data bus bits are ignored. The simplest configuration scenario,
where all data bus pins are ignored is not available for this mode.
•
HRESET
in simple slave mode does not change the reset configuration. In master/slave mode, HRESET does
cause a new reset configuration.
•
Configuration from EPROM for single or multiple chip is available only for the mentioned above 6 bits. All
other bits on data bus are ignored.
•
Multiple chip configuration in a system with no EPROM is also available only for the mentioned above 6 bits.
All other bits on data bus are ignored.
4.2
Hard Reset Configuration Word Changes
The 2K87M mask set of the MSC8103 adds the SWDIS field (bit 26) and changes the definition of the ISB field
(bits 13–15).
MSC8103 2K87M Mask Set Hard Reset Configuration Word
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
EARB EXMC
IRQ7
INT
EBM
BPS
SCDIS
ISPS
IRPC
DPPC
NMI
OUT
ISB
Type
R/W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
1617
18
192021
22
232425
26
272829
30
31
—
BBD
MMR
—
TCPC
BC1PC
SWDIS DLLDIS
MODCK_H
—
Type
R/W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 7. MSC8103 2K87M Mask Set Hard Reset Configuration Word Bit Descriptions
Name
Reset
Description
Settings
EARB
0
0
External Arbitration
Defines the initial value for PPC_ACR[EARB].
0 = No external arbitration is assumed
1 = External arbitration is assumed
EXMC
1
0
External MEMC
Defines the initial value of BR0[EMEMC].
0 = No external memory controller is assumed
1 = External memory controller is assumed
IRQ7 INT
2
0
IRQ7 or INT_OUT Selection
0 = IRQ7/INT_OUT pin is IRQ7
1 = IRQ7/INT_OUT pin is INT_OUT
EBM
3
0
External 60x-compatible Bus Mode
Defines the initial value of BCR[EBM].
BPS
4–5
0
Boot Port Size
Defines the initial value of BR0[PS], the port size for memory
controller bank 0.
00 = 64-bit port size
01 = 8-bit port size
10 = 16-bit port size
11 = 32-bit port size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com