Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 35Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 37Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 38Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
39
ERAM
16–19
0
Enable RAM Microcode
Configure as instructed in the download process of a
Freescale-supplied RAM microcode package.
Note: this area was expanded from the 3-bit field used
by the 2K42A mask set.
EDM[1–4]
20–23
0
Edge Detect Mode
EXT
x asserts requests according to settings
Note:
Reserved for future microcode applications.
0
Low to high change for EXT x = 0, active high
for
EXT x = 1
1
High to low change for EXT x = 0, active low for
EXT x = 1
EXT[3–4]M
24–25
0
External Request Mode
Controls the external request sensitivity
Note:
Reserved for future microcode applications.
0
EXT
x is edge-sensitive according to EDMx
1
EXT
x is level-sensitive according to EDMx
EXT3P
26–27
0
External Request Priority
Controls the external request priority relative to
communication controllers
Note:
Reserved for future microcode applications.
00
EXT
x has higher priority than the
communication
‘controllers (default)
01
EXT
x has lower priority than the
communications
controllers
10
EXT
x has the lowest priority
11
Reserved
—
28–29
0
Reserved for future applications
Table 32. 2K87M Mask Set RCCR Bit Descriptions (Continued)
Name
Reset
Description
Settings
ERAM
RAM Microcode
0000
Disable microcode program
execution from the dual-port RAM.
For the following, execution starts at 0x0000
after reset:
0010
Microcode uses the first 2 KB + 8 KB
from 0x4000
0100
Microcode uses the first 4 KB + 8 KB
from 0x4000
0110
Microcode uses the first 6 KB + 8 KB
from 0x4000
1000
Microcode uses the first 8 KB + 8 KB
from 0x4000
1010
Microcode uses the first 10 KB + 8
KB from 0x4000
1100
Microcode uses the first 12 KB + 8
KB from 0x4000
For the following, execution starts at 0x4000
after reset:
0011
Microcode uses the first 2 KB
starting from 0x4000
0101
Microcode uses the first 4 KB
starting from 0x4000
0111
Microcode uses the first 6 KB
starting from 0x4000
1001
Microcode uses the first 8 KB
starting from 0x4000
All other combinations are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com