Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 28Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 29Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 30Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 31Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 32Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 33Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 34Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 35Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
32
Freescale Semiconductor
HDI16
9.2.2 2K87M Mask Set ISR Definitions
ISR is a status register by which the host processor interrogates the status and flags of the HDI16. The host
processor can write to this address without affecting the internal state of the HDI16. The SC140 core cannot access
ISR.
RXDF
15
Receive Data Full
Indicates whether the Receive Word Registers (RX[0
–3])
contain data from the SC140 core and can be read by the
host processor. RXDF is set when the HOTX is transferred
to the RX[0
–3] registers. RXDF is cleared when the host
processor reads the receive data registers (RX) at the last
address and the HOTX FIFO is empty. The host processor
can clear RXDF using the initialize function. RXDF can be
used to assert the external HREQ/HRRQ signal if RREQ is
set.
Regardless of whether the RXDF interrupt is enabled, RXDF
indicates whether the RX registers are full and data can be
latched out, so that the host processor can use polling
techniques.
0
The RX registers are not full.
1
The RX registers are full and can be read by the host
processor.
ISR
2K87M Mask Set Interface Status Register
0x2
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
—
TXDE3
2
TXDE1
6
RXDF3
2
RXDF1
6
HREQ
HF4
HF5
HF6
HF7
TRDY
TXDE
RXDF
Type
R
Reset
See Table 30
Table 30. 2K87M Mask Set ISR Bit Descriptions
Name
Description
Settings
—
0–3
Reserved. Write to zero for future compatibility.
TXDE32
4
Transmit Queue 32 Bytes Empty
0
< 32 bytes are empty
1
32 bytes are empty (24 bytes in HORX and 8 bytes in
TX)
TXDE16
5
Transmit Queue 16 Bytes Empty
0
< 16 bytes are empty
1
16 bytes are empty (8 bytes in HORX and 8 bytes in
TX)
RXDF32
6
Receive Queue 32 Bytes Full
0
< 32 bytes are full
1
32 bytes are full (24 bytes in HOTX and 8 bytes in
RX)
RXDF16
7
Receive Queue 16 Bytes Full
0
< 16 bytes are full
1
16 bytes are full (8 bytes in HOTX and 8 bytes in RX)
Table 29. 2K42A Mask Set ISR Bit Descriptions (Continued)
Name
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com