Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 50Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
54
Freescale Semiconductor
CPM
14.4.22 Operating the TC Layer at Higher Frequencies
The operation of the TC layer requires a minimum frequency ratio of 1:2.5 between the serial clock and the
UTOPIA clock (in Rx and Tx separately). Using the TC for serial frequencies greater than 10 MHz requires using
higher UTOPIA frequencies to preserve that ratio.
14.4.23 Programming a T1 Application
This section describes how to implement a T1 application using a single TC layer block. Using two or more TCs
requires FCC2 to work in MPHY mode. Assuming that the required ATM parameters and data structures have been
set up and initialized, implementing a T1 application requires the following steps:
1.
Program FCC2. To set up and initialize FCC2, program the FPSMR and GFMR as shown in Table 40. This is
for working with one TC block operating in a single PHY environment. The transmitter and receiver should not
be enabled at this time. In this example, FCC2 does not discard idle cells.
2.
Set up I/O ports and clocks. Because the FCC2 UTOPIA bus is internally connected to the TC UTOPIA bus,
program the parallel ports and BRGs for the active TDM(s).
3.
Enable Tx/Rx on FCC2. To enable receiving and transmitting, program FCC2 as shown in Table 41.
4.
Program CPM multiplexing. To define the connection of FCC2, program the CPM multiplexing as shown in
Table 42.
5.
Program the TC block. The TCx layer block is configured using the TCMODEx and CDSMR1 registers as
shown in Table 43. Note that the TC layer must be enabled after both FCC2 and the CPM multiplexing are
programmed.
Table 40. Programming GFMR and FPSMR to Set Up FCC2
Init Values
Description
FPSMR2 = 0x0080_0000
UTOPIA Rx and Tx in master mode, idle cells are not discarded
GFMR2 = 0x0000_000A
ATM protocol mode, receiver and transmitter are disabled
Table 41. Enable FCC2
Init Values
Description
GFMR2 = 0x0000_003A
Enable Rx and Tx
Table 42. Programming the CPM Multiplexing for a TI Application
Init Values
Description
CMXFCR = 0x0080_0000
FCC2 is connected to the TC Layer
CMXUAR = 0x0000
FCC2 as UTOPIA master
Table 43. Programming the TC Layer Block
Init Values
Description
TCMODE1 = 0xC202
Enable TC Layer Rx and Tx, no error correction on header, the TC is the only PHY on UTOPIA
CDSMR1 = 0x3980
ALPHA = 7, DELTA = 6 (default values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com