Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 80Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
77
CPM97
MCC SS7 - No SUERM interrupt generated after an ABORT
Date Added: 2/25/2003
Description: Octet Count Mode is not entered properly when idles are received after an ABORT.
Therefore N_Cnt is not decremented and no SUERM interrupt will be generated. This problem
only affects the SS7 micro code in ITU-T / ANSI mode (SS7_OPT[STD]=0).
Workaround: Use the latest RAM based SS7 micro code package available from Freescale.
Fix Plan: TBD
2K87M
CPM98
I
2C Erratic behavior can occur if extra clock pulse is detected on SCL
Date Added: 8/25/2003
Description: The I2C controller has an internal counter that counts the number of bits sent. This
counter is reset when the I2C controller detects a START condition. When an extra SCL clock
pulse is inserted in between transactions (before START and after STOP conditions), the internal
counter may not get reset correctly. This could generate partial frames (less than 8 bits) in the next
transaction.
Workaround: Do not generate extra SCL pulses on the I2C bus. In a noisy environment the dig-
ital filter I2MOD[FLT] and additional filtering capacitors should be used on SCL to eliminate
clock spikes that may be misinterpreted as clock pulses.
System Number: 9133
Fix Plan: TBD
0K42A
1K42A
2K42A
2K87M
CPM99
ABR TCTE[ER-TA] Corruption
Date Added: 8/25/2003
Description: When using the AAL5 ABR ROM microcode it is possible for the TCTE[ER-TA]
field to be overwritten with an erroneous value. This, in turn, will cause the TCTE[ER-BRM] to
be updated with this value. As TCTE[ER-BRM] holds the maximum explicit rate value allowed
for B-RM cells an erroneous value in this field could have a detrimental effect on the network
performance.
Workaround: Use the micro code patch available from Freescale.
System Number: 9132
Fix Plan: TBD
0K42A
1K42A
2K42A
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com