Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 13Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 14Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 15Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 16Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 17Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 18Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
Clock System
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
15
6.1.2 Mask Set 2K87M Clock Scheme
Six bit values map the MSC8101 clocks to one of the valid configuration mode options. Each option determines the
CLKIN
, SC140 core, system bus, SCC clock, CPM, and CLKOUT frequencies. The six bit values are derived from
three dedicated input pins (MODCK[1–3]) and three bits from the hard reset configuration word (MODCK_H). To
configure the SPLL pre-division factor, SPLL multiplication factor, and the frequencies for the SC140 core, SCC
clocks, CPM parallel I/O ports, and system buses, the MODCK[1–3] pins are sampled and combined with the
MODCK_H values when the internal power-on reset (internal PORESET) is deasserted. Clock configuration
changes only when the internal PORESET signal is deasserted.
The following factors are configured:
•
SPLL pre-division factor (SPLL PDF)
•
SPLL multiplication factor (SPLL MF)
•
Bus post-division factor (Bus DF)
•
CPM division factor (CPM DF)
•
Core division factor (Core DF)
•
CPLL pre-division factor (CPLL PDF)
•
CPLL multiplication factor (CPLL MF)
Figure 5 shows the functional block diagram for the 2K87M mask set. The 2K87M mask set contains an internal
system phase-lock loop (SPLL) and a core phase-lock loop (CPLL).
Figure 5. MSC8103 Clock Functional Block Diagram for 2K87M Mask Set
System Bus Clock
CPM Clock
CLKIN
SCC Clock
BRG Clock
CLKOUT
SC140
Bus
DF
SCC
DF
SPLL
PDF
SPLL
MF
BRG
DF
CKO
DF
CPM
DF
DLL
Note:
SPLL PDF, SPLL MF, Core DF, CPLL PDF, CPLLMF, and CPM DF are determined by the clock configuration
mode; Bus DF = CKO DF and is determined by the clock configuration mode; SCC DF is always 4; BRG DF is set
by the System Clock Control Register (SCCR) and is 4, 16 (default), 64, or 256.
Key:
SPLL PDF: System PLL Pre-Division Factor
SPLL MF: System PLL Multiplication Factor
DLL: Delay Lock Loop
Bus DF: Bus Division Factor
SCC DF: SCC Division Factor
CPM DF: CPM Division Factor
BRG DF: Baud Rate Generator Division Factor
CKO DF: CLKOUT Division Factor
Core DF: Core Division Factor
CPLL PDF: Core PLL Pre-Division Factor
CPLL MF: Core PLL Multiplication Factor
DLLIN
Core
DF
CPLL
PDF
CPLL
MF
Core Clock
Core PLL
System PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com