Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 2Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 3Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 4Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
6
Freescale Semiconductor
Reset
4
Reset
The 2K42A mask set offers two options for programming the Hard Reset Configuration Word (HRCW). The
2K87M mask set offers three options. In addition, the structure of the HRCW itself is different between the two
mask sets.
4.1
Reset Configuration Options
Table 4 shows the options for programming the HRCW for each of the mask sets.
4.1.1 Configuration Modes
The 2K42A mask set defines the configuration modes as shown in Table 5.
The 2K87M mask set adds a third “reduced reset configuration” method of programming the reset configuration
word, in addition to the host reset and hardware reset configuration methods.
4.1.2 Reduced Reset Configuration Information for Mask Set 2K87M
Reduced reset configuration is executed for serial boot only. Only the NMI_OUT (bit 12), ISB (bits 13–15),
SWDIS (bit 26), and DLLDIS (bit 27) fields in the Hard Reset Configuration Word (HRCW) can be programmed
using this method. The rest of the bits are programmed to their default values, but they can be reprogrammed later
after reset. Table 7 describes the 2K87M mask set hard reset configuration word. .
Table 4. HRCW Programming Options by Mask Set
2K42A
2K87M
Host reset. Through the HDI16 from a host
Hardware reset. Through the system bus from external memory
Host reset. Through the HDI16 from a host.
Hardware reset. Through the system bus from external memory.
Reduced reset. From a serial EPROM using the I2C protocol. Limited
fields of the hard reset configuration word are configured via the
appropriate data bus bits on the system bus.
Table 5. MSC8101 2K42A Mask Set Reset Configuration Modes
RSTCONF
HPE/EE1
BTM[0-1]/
EE[4-5]
Mode
1
1
01
host reset configuration
0
0
00
master hardware reset configuration
1
0
00
slave hardware reset configuration
Table 6. MSC8103 2K87M Mask Set Reset Configuration Modes
RSTCONF
HPE/EE1
BTM[0-1]/
EE[4-5]
Mode
1
1
01
host reset configuration
0
0
00
master hardware reset configuration
1
0
00
slave hardware reset configuration
0
0
10
master reduced reset configuration
1
0
10
slave reduced reset configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com