Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 80Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 81Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
78
Freescale Semiconductor
Errata
CPM101
FCC RxClav Timing Violation (Slave)
Date Added: 1/15/2004
Date Revised: 11/05/2004
Description: FCC ATM Receive UTOPIA slave mode. When the RxFIFO is full, RxClav is ne-
gated 2 cycles before the end of the cell transfer, instead of 4. A master that polls RxClav or paus-
es 3 or 4 cycles before the end of the cell transfer may sample a false RxClav, and an overrun
condition may occur. The dashed line in the timing diagram below depicts the actual RxClav ne-
gation (two cycles before the end of the cell transfer instead of four cycles). The signals in the
timing diagram are with respect to the master, so the Tx interface is shown.
Workaround:
1.
The master should not poll RxClav or pause a cell transfer 4 cycles before the end
of a cell transfer. The master should poll 2 cycles before the end of the current cell
or later. This can be achieved by introducing cell-to-cell polling (and transfer)
delay, which is equal or larger than one cell transfer time. If this can be achieved,
the impact on performance is minimal.
2.
Configuring ATM only on FCC1 and setting FPSMR[TPRI] ensures the highest pri-
ority to FCC1 Rx. In addition, for CPM usage lower then 80 percent (as reported by
the CPM performance tool based on UTOPIA maximal bus rate), the CPM perfor-
mance is enough to guarantee that the RxFIFO does not fill up.
0K40A
1K42A
2K42A
1K87M
CPM111
FCC Missing Reset
Date Added: 1/15/2004
Description: The TxBD may not close for the FCC in Half-Duplex 10BaseT Ethernet. There
may be a mismatch between the actual transmitted BD and the BD for which the status is updated.
As a result, the status of one to three BDs may not be updated. They appear to be “ready” although
the associated frames have been transmitted (assuming a frame per BD).
Workaround: Use microcode patch provided by Freescale.
System Number: 11064
Fix Plan:
0K40A
1K42A
2K42A
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask
TxClk
TxEnb
TxClav
TxData
TxSOC
1
2
3
4
50
52
53
54
55
56
57
58
51
Clock cycles from end of cell:
5
4321
X
H
H2
P44 P45 P46
X
X
P47 P48
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com