Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
76
Freescale Semiconductor
Errata
SC7
Change of Flow May Cause Incorrect Trace-Buffer Data
Date Added: 2/19/2002
Description: When the EOnCE module is programmed for tracing events of change of flow
(TCHOF) and interrupts (TINT), the Trace Buffer is updated on every event by the source and
destination addresses. In the event of a change of flow (CHOF) to another CHOF with an interrupt
request in between, the Trace Buffer is updated with additional data. The additional data is incor-
rect and is not needed for the trace.
Workaround: Perform post-processing after reading the Trace Buffer. Search in the data for a
source address with its destination listed before it. Delete the source and the previous data.
System Number: 7794
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
SC8
Debug Exception Request From JTAG is Not Accepted During Core Freeze
Date Added: 5/21/2002
Description: JTAG debug exception request is not accepted by the core during freeze. If the re-
quest is asserted and deasserted during a core freeze, the request is discarded.
Workaround: Assert Debug request from JTAG. When entering the exception routine, use soft-
ware to assert an external pin (one of the EE pins, for example) to signal that the Exception Ser-
vice Routine was executed. After that, a new JTAG instruction can be written.
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
SC9
EE Pins Do Not Enable Different EOnCE Modules During Core Freeze
Date Added: 5/21/2002
Description: If EE pins are asserted to enable events in the EOnCE modules during a core freeze
and the request is deasserted during the same core freeze, the event is not enabled.
Workaround: Poll core status from JTAG. After the core is not in a freeze state, assert the EE
pin(s) for at least three cycles.
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
CPM94
FCC RTS Signal Not Asserted Correctly
Date Added: 2/25/2003
Description: At the beginning of an HDLC frame transmission which is preceded by more than
one opening flag, RTS will not be asserted if CTS is negated. This may cause a deadlock if the
modem waits for the assertion of RTS before asserting CTS.
Workaround: Implement one of the following:
1.
Transmit no flags between or before frames.
2.
Clear FPSMR[NOF] bit. Set GFMR[RTSM]=1 to ensure RTS/ is asserted when
FCC is enabled. However no hand shaking activities with the modem will occur for
all the proceeding frames.
Fix Plan: TBD
2K87M
CPM96
ATM Performance Monitoring with AAL1 CES
Date Added: 2/25/2003
Description: ATM Performance Monitoring with AAL1 CES Data in DPRAM is corrupted
when performance monitoring is enabled in the receiver.
Workaround: Impelement one of the following:
1.
Disable Receive Performance Monitoring RCT[PMT]=0.
2.
Use microcode patch available from Freescale.
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com