Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
62
Freescale Semiconductor
Errata
CPM6
Erroneous Report of Overrun on FCC
Date Added: 5/30/2000
Description: Spurious overrun indications on the FCC may occur in the following cases:
1.
After stop transmit command is issued.
2.
Following CTS lost condition.
3.
Late collision under ethernet.
Workaround: None
System Number: 1746
0K40A
1K42A
2K42A
CPM7
Erroneous Report of Overrun With Fast Ethernet
Date Added: 5/30/2000
Description: If the CRS (carrier sense) signal is deasserted while fast ethernet frame is transmit-
ted, an overrun error may occur and the FCC may have to be reset.
Workaround: None
System Number: 1752
0K40A
1K42A
2K42A
CPM8
Error on Transmit On Demand Register
Date Added: 5/30/2000
Description: The TODR mechanism may freeze serial channels.
Workaround: Do not use TODR.
System Number: 2484
0K40A
1K42A
2K42A
CPM9
Erroneous Reception of ATM Cell
Date Added: 5/30/2000
Description: Under certain conditions, an ATM receiver may receive cells of PHYs which were
not addressed for it. Details of the condition:
•
ATM receiver in UTOPIA slave mode.
•
FIFO full condition occurred (this happens only when the transmitter violates the UTOPIA
standard requirements: transmits data without CLAV).
•
Transmitter changed selected PHY number.
•
FIFO full condition ended (CPM read some data from FIFO).
Workaround: Use different VPI/VCI for different PHYs or expect the cells to be discarded by
higher-level protocol software.
System Number: 2493
0K40A
1K42A
2K42A
CPM10
Error in ATM Underrun Report
Date Added: 5/30/2000
Description: In ATM, a Transmit internal rate underrun error is not reported correctly in the
TIRU field of the FCCE register. In most cases, TIRU is not set in the FCCE when an internal rate
underrun error occurs. In some rare cases that depend on internal sequences within the communi-
cations controller, the TIRU bit may be set as expected when the error should be reported.
Workaround: None
System Number: 2611
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com