Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 26Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 27Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 28Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 29Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 30Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 31Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 32Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 33Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
30
Freescale Semiconductor
HDI16
Table 25 shows the effects of the INIT command in relation to the values of TREQ and RREQ.
Table 26 and Table 27 summarize the effect of RREQ and TREQ on the HREQ and HRRQ signals.
Table 28 shows the valid HM values and their meaning.
9.2
Interface Status Register (ISR) Changes
The following sections lists the ICR layout and definitions for the 2K42A and 2K87M mask sets.
Table 25. Effects of the INIT Command
TREQ
RREQ
After INIT Execution
Transfer Direction
Initialized
0
0
INIT = 0
None
0
1
INIT = 0; ISR[RXDF] = 0; HSR[HTFE/HTFNF] = 1
Core to host
1
0
INIT = 0; ISR[TXDE] = 1; HSR[HRFF/HRFNE] = 0
Host to core
1
1
INIT = 0; ISR[RXDF] = 0; HSR[HTFE/HTFNF] = 1;
ISR[TXDE] = 1; HSR[HRFF/HRFNE] = 0
Host to/from core
Table 26. TREQ and RREQ Modes (HDRQ = 0) in Non-DMA Mode (HICR=1)
TREQ
RREQ
HREQ Signal
0
0
No interrupts (polling)
0
1
ISR[RXDF] request (interrupt)
1
0
ISR[TXDE] request (interrupt)
1
1
ISR[RXDF] and ISR[TXDE] request (interrupts)
Table 27. TREQ and RREQ Modes (HDRQ = 1) in Non-DMA Mode (HICR=1)
TREQ
RREQ
HTRQ Signal
HRRQ Signal
0
0
No interrupts (polling)
No interrupts (polling)
0
1
No interrupts (polling)
ISR[RXDF] request (interrupt)
1
0
ISR[TXDE] request (interrupt)
No interrupts (polling)
1
1
ISR[TXDE] request (interrupt)
ISR[RXDF] request (interrupt)
Table 28. HM Host DMA Mode Values (HICR=1)
HM
Mode
0
1
DMA Mode
Non-DMA Mode
0
0
16-bit words
64-bit words. Last read/write (trigger) address: 0x4
0
1
32-bit words
48-bit words. Last read/write (trigger) address: 0x5
1
0
48-bit words
32-bit words. Last read/write (trigger) address: 0x6
1
1
64-bit words
16-bit words. Last read/write (trigger) address: 0x7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com