Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 80Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 81Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 82Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 83Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
80
Freescale Semiconductor
Errata
CPM117
False Address Compression
Date Added: 11/05/2004
Description: If there are active AAL0 channels and a CRC-10 error has been received, VP-level
address compression might have false results, which could lead to one of the following:
•
Wrong calculation of a VP pointer address
•
Cells might be falsely discarded as misinserted cells
•
Misidentification of misinserted cells (in CUAB mode) This is a statistical error, which is
conditional on the reception of AAL0 cells with a CRC-10 error. The probability of false
address compression is directly correlated with higher CPM bit rate and longer system bus
latency.
While the false address compression is possible only if there are active AAL0 channels, it may
have an impact on all AAL types. However, it cannot occur unless AAL0 cells with CRC-10 error
have been received beforehand.
Workaround: Use the microcode patch supplied by Freescale.
System Number: 17129
0K40A
1K42A
2K42A
1K87M
CPM118
Aborted HDLC Frame Followed by a Good Frame
Date Added: 7/11/2004
Description: When an aborted HDLC frame is followed by a good frame, the receive data buffer
may contain the data of the aborted frame followed by the data of the good frame.
Workaround: Use the microcode patch provided by Freescale.
System Number: 15905
Fix Plan:
0K40A
1K42A
2K42A
2K87M
CPM119
Ethernet Collision Occurs on the Line 125 Clocks after TX_EN Assertion
Date Added: 7/11/2004
Description: When an ethernet collision occurs on the line 125 clocks after TX_EN assertion,
late collision will be reported even though this is only 63 bytes into the frame instead of 64. When
a collision occurs 124 cycles after TX_EN assertion, no event is reported, the TxBD is not closed,
and transmission halts. Retransmission behavior is correct for collisions occurring between asser-
tion of TX_EN and 123 clocks.
Workaround: Use the microcode patch provided by Freescale.
System Number: 15907
Fix Plan:
0K40A
1K42A
2K42A
2K87M
CPM120
SS7_OPT[FISU_PAD] parameter has no effect on the number of flags between FISUs
Date Added: 12/22/2004
Description: The SS7_OPT[FISU_PAD] parameter has no effect on the number of flags be-
tween FISUs. Regardless of the value of this field, one flag will be present between back-to-back
FISUs.
Workaround: Use the latest SS7 microcode package provided by Freescale.
System Number: 18767
Fix Plan: None at this time.
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com