Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 13Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
10
Freescale Semiconductor
Boot
5.4
Source Program Data Stream Structure
The source program can be organized into several blocks. Each block can be either a data block or an instruction
block, and it can be loaded to a different specified destination. Each block contains the block size, the location
where the block is loaded, source program words, checksum, checksum enable and the location from which the
next block is loaded.
When each block word is loaded, the routine calculates a checksum by XORing the current word bit by bit with the
result of XORing previous words. The value of bit i of the current result is equal to XORing bit i of the current
word with bit i of the previous result. After the entire block is loaded, the calculated checksum is compared to the
loaded checksum. The checksum comparison and calculation can be skipped by clearing checksum enable bit. The
last block is a special block that indicates end of code. It contains the boot execution start address. Figure 1 shows
the stream structure.
5.5
Source Program Block Structure
The data stream source programs must be structured in the format shown in Table 8.
Figure 1. Boot Code Stream Structure
Table 8. Block Structure
Word
Description
1
Block size + checksum enable bit (see Figure 2 for layout description)
2
Next block address
3
Address where the first block of the source program is to be loaded, most significant part
4
Address where the first block of the source program is to be loaded, least significant part
5
First word of source program
n
Last word of source program
n + 1
Checksum—xor for first block
n + 2
Checksum—xor for first block
2nd offset + 1
Block size + checksum enable bit
2nd offset + 2
Next block address
2nd offset + 3
Address where the second block of the source program is to be loaded, most significant part
2nd offset + 4
Address where the second block of the source program is to be loaded, least significant part
2nd offset + 5
First word of source program
2nd offset + n
Last word of source program
2nd offset +n + 1
Checksum—xor for second block
2nd offset + n + 2
Checksum—xor for second block
Block 1
Block 2
.
.
.
Block
x
Code End Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com