Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 23Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 24Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 25Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 26Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 27Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 28Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 29Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 30Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
HDI16
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
27
ICR is a read/write control register that allows the use of bit manipulation instructions on control register bits. The
host processor uses the ICR to control the HDI16 interrupts and flags. The SC140 core cannot access the ICR. The
HPCR[DMA] bit and the HCR[HICR] bit control the function of the ICR bits.
Table 23.
2K87M Mask Set ICR Bit Descriptions
Name
Description
Settings
HRRA
0–1
HDI Receive Request Assertion
The receive request is asserted a specified time based on the number of
data bytes to receive.
00
HRRQ asserted for 8 bytes (RX full)
01
HRRQ asserted for 16 bytes (RX full + 1
HOTX entry full)
10
HRRQ asserted for 32 bytes (RX full + 3
HOTX entries full)
11
Reserved
HTRA
2–3
HDI Transmit Request Assertion
The transmit request is asserted a specified time based on the number of
data bytes to transmit.
00
HTRQ/HREQ asserted for 8 bytes (TX
empty)
01
HTRQ/HREQ asserted for 16 bytes (TX
empty + 1 HOTX entry empty)
10
HTRQ/HREQ asserted for 32 bytes (TX
empty + 3 HOTX entries empty)
11
Reserved
—
4
Reserved. Write to zero for future compatibility.
HF0
5
Host Flag 0
A general-purpose flag for host-to-core communication. The host
processor can set or clear HF0. HF0 is reflected in the HSR on the core
side of the HDI16.
HF1
6
Host Flag 1
A general-purpose flag for host-to-core communication. The host
processor can set or clear HF1. HF1 is reflected in the HSR on the core
side of the HDI16.
—
7
Reserved. Write to zero for future compatibility.
INIT
8
Force Initialization
Used by the host processor to force initialization of the HDI16 hardware
(which may or may not be necessary, depending on the software design
of the interface). During initialization, the HDI16 transmit and receive
control bits are configured. The type of initialization performed when the
INIT bit is set depends on the state of TREQ and RREQ in the HDI16.
The INIT command, which is local to the HDI16, conveniently configures
the HDI16 into the desired data transfer mode. The effect of the INIT
command is described in Table 25 on page 30. When the host sets the
INIT bit, the HDI16 hardware executes the INIT command. The interface
hardware clears the INIT bit after the command executes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com