Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 37Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 38Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
40
Freescale Semiconductor
CPM
14.2 Dual-Port RAM Change
The dual-port RAM has been expanded to 32 KB of static RAM. An extra 8 KB starting at address 0x4000 is
available for microcode execution only and cannot be used for data buffers or BDs. However, when not used for
microcode, the extra 8 KB can be accessed from the system bus for general purpose internal storage.
14.2.1 2K42A Mask Set 24 KB Dual-Port RAM Memory Map
Figure 11 shows the MSC8101 2K42A mask set memory map of the dual-port RAM.
EXT4P
30–31
0
External Request Priority
Controls the external request priority relative to
communication controllers
Note:
Reserved for future microcode applications.
00
EXT
x has higher priority than the
communication
controllers (default)
01
EXT
x has lower priority than the
communications
controllers
10
EXT
x has the lowest priority
11
Reserved
Figure 11. 2K42A Mask Set 24 KB Dual-Port RAM Memory Map
Table 32. 2K87M Mask Set RCCR Bit Descriptions (Continued)
Name
Reset
Description
Settings
BD/Data/µCode
2 KB
Bank 1
0x0000
BD/Data/µCode
2 KB
Bank 2
0x0800
BD/Data/µCode
2 KB
Bank 3
0x1000
BD/Data/µCode
2 KB
Bank 4
0x1800
BD/Data/µCode
2 KB
Bank 5
0x2000
BD/Data/µCode
2 KB
Bank 6
0x2800
BD/Data
2 KB
Bank 7
0x3000
BD/Data
2 KB
Bank 8
0x3800
BD/Data/µCode
2 KB
Bank #1
0x4000
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
Parameter RAM
2 KB
Bank 9
0x8000
Parameter RAM
2 KB
Bank 10
0x8800
BD/Data/µCode
2 KB
Bank #11
0x9000
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
BD/Data/µCode
2 KB
Bank #1
FCC Data
2 KB
Bank 11
0xB000
FCC Data
2 KB
Bank 12
0xB800
Reserved
Reserved
(Partially Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com