Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
56
Freescale Semiconductor
Errata
15 Errata
Table 48 lists the functional errata that the 2K87M mask removes and the current 2K87M mask set errata. Always
refer to the Freescale website listed on the back page of this document for a current list of device errata.
Table 47.
2K87M Mask Set New Command Descriptions
Command
Description
INIT MCC RX
AND TX
PARAMS —
ONE
CHANNEL
Initializes the receive and transmit parameters of the peripheral controller. Differs from INIT RX AND TX PARAMS in that,
for the MCCs, issuing INIT RX AND TX PARAMS initializes 32 consecutive channels beginning with the channel number
specified in CPCR[MCN]. However, issuing INIT MCC RX AND TX—ONE CHANNEL initializes only the channel in the
command.
INIT MCC RX
PARAMS—
ONE
CHANNEL
Initializes MCC receive parameters for only a single channel according to MCC channel number field.
INIT TX
PARAMS—
ONE
CHANNEL
Initializes MCC transmit parameters for only a single channel according to MCC channel number field.
MCC RESET
Provides a hard reset to the MCC FIFOs. To use this command, software should execute the following sequence:
1.
Disable the TDM by clearing the appropriate enable bit in SIxGMR[4-7].
2.
Issue the MCC RESET command.
3.
Issue the INIT RX AND TX command.
4.
Reprogram the specific MCC channel, global parameters, and any BDs that need to be updated.
5.
Set the appropriate enable bit in SIxGMR[4–7].
Table 48. Errata Resolved in Mask Set 2K87M
Errata
Number
Errata Description
Applies
to Mask
SIU1
Wrong Timer Advancement on RCCR
Date Added: 5/30/2000:
Description: PQ2 treats the RCCR[TIMEP] value (UC timer) differently then QUICC. In
QUICC the timer advanced (N+1)*1024 cycles and in MSC8101 and MPC826X the timer ad-
vances N*1024 cycles.
Workaround: None
System Number: 1399
0K40A
1K42A
2K42A
SIU4
Incorrect Masking of MCP
Date Added: 5/30/2000:
Description: MCP (Machine Check Interrupt) due to data errors (parity / ECC) is masked by the
SWRI bit in SYPCR.
Workaround: Clear the SWRI bit in SYPCR to get data errors indication.
System Number: 3695
0K40A
1K42A
2K42A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com