Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
61
GEN2
Unexpected Outputs During Boundary Scan
Date Added: 10/18/2002
Description: D[32:60] outputs may behave indeterminately during boundary scan.
Workaround: Reset the device by asserting PORESET while HPE/EE1=0. Alternatively, assert
PORESET throughout boundary scan.
Fix Plan: RevA
0K40A
1K42A
2K42A
SC1
PC Cannot Be Updated in Debug Mode Entered From Asynchronous Interrupt
Date Added: 10/5/2000
Description: When a DEBUG instruction is executed in a static or dynamic delay slot created by
an asynchronous interrupt, the core enters Debug mode, but the PC cannot be updated.
Workaround: In the dynamic case, the debugger can use a status bit in the ESR, which indicates
whether the core entered a debug in a delay slot. Software workarounds are available for all the
static cases. A detailed description was sent by StarCore and can be resent upon request.
0K40A
1K42A
2K42A
SC3
Erroneous Trace Buffer Value
Date Added: 10/5/2000
Description: An erroneous 62-bit value may be written to the trace buffer when the EOnCE is
programmed to write both event counters (ECNT_VAL and ECNT_EXT).
Workaround: None.
0K40A
1K42A
2K42A
CPM2
CAM Access Not Atomic
Date Added: 5/30/2000:
Description: The bus atomicity mechanism for CAM access may not function correctly when
the CPM’s DMA accesses the CAM. This only affects systems in which multiple CPMs will ac-
cess the CAM.
Workaround: None
System Number: 1410
0K40A
1K42A
2K42A
CPM4
No CTS Lost Indication with HDLC
Date Added: 5/30/2000
Description: When CTS is deasserted at the end of hdlc frame, (last flag or one bit before) trans-
mission will be aborted. However there is no CTS-LOST indication. There is only abort indica-
tion.
Workaround: None
System Number: 1670
0K40A
1K42A
2K42A
CPM5
Data Corruption on SDMA Flyby
Date Added: 5/30/2000
Description: The data of a SDMA write, which follows a SDMA flyby read in the local bus may
be corrupted.
Workaround: None
System Number: 1720
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com