Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 80Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 81Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 82Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
79
CPM112
FCC Missing Reset at OverRun
Date Added: 12/19/2003
Description: TxBD may not be closed for FCC in Half-duplex 10BaseT Ethernet. There may be
a mismatch between the actual transmitted BD and the BD for which status is updated. As a result,
the status of one to three BDs may not be updated, and they would appear "Ready", although the
associated frames have been transmitted (assuming a frame per BD).
Workaround: Use microcode patch provided by Freescale.
System Number: 11064, 11067
Fix Plan: N/A
0K40A
1K42A
2K42A
2K87M
CPM113
Incorrect Return Value from Event Register Read (SCC, SPI, I2C, and SMC)
Date Added: 12/19/2003
Description: When the Event Register is read while the SCC, SPI, I
2C, or SMC is active, it is
sometimes read as 0, even though it has some bits set.
Workaround:
System Number: 11068
Fix Plan:
0K40A
1K42A
2K42A
2K87M
CPM115
APC Transmits Unwanted Idle Cells
Date Added: 12/19/2003
Description: In heavily loaded ATM applications, if the ATM pace controller (APC) is config-
ured for multiple priority levels and a burst of traffic for transmission is sustained long enough on
the highest priority APC table, then an unwanted idle cell can be trasmitted on the lower priority
APC tables when there are cells available in lower priority APC scheduling table for transmission.
The transmission of the unwanted idles could cause the valid ATM cells on lower-priority APC
scheduling tables not to be transmitted. This transmission of unwanted idles can affect all ATM
channels that are not located in the highest-priority APC scheduling table.
Workaround: Increase the size of lower-priority APC scheduling tables so they are large enough
to absorb any burst or back-to-back bursts on the highest-priority APC scheduling table. Other-
wise, use the microcode patch available from Freescale.
System Number: 11069
Fix Plan:
0K40A
1K42A
2K42A
2K87M
CPM116
Pointer 93 in Partially Filled (PFM) Mode
Date Added: 1/15/2004
Description: In PFM mode, the pointer value of 93 is not generated, causing the loss of synchro-
nization at the far end. Also, when the pointer value of 93 is received, the synchronization is lost,
which causes a loss of data and the resynchronization routine.
Workaround: Use microcode patch provided by Freescale.
System Number: 11912
Fix Plan:
0K40A
1K42A
2K42A
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com