Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 48Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 49Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 50Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
50
Freescale Semiconductor
CPM
14.4.16 TC Layer General Registers
The TC layer general registers are distributed to all of the TC blocks. Each TC block is represented by specific bits.
When accessing a general register, each TC block is responsible only for its bits.
14.4.17 TC Layer General Event Register (TCGER)
The TC layer general event register (TCGER), shown in Figure 21, summarizes the events for all the TC blocks.
Each bit stands for an ORed event register of a TC block. When a bit is set, it indicates that one or more event bits
are set in the corresponding TC block event register.
Table 37 describes TCGER fields.
14.4.18 TC Layer General Status Register (TCGSR)
Figure 22 shows the TC layer general status register (TCGSR), which records the cell delineation and transmit
FIFO status for all TC blocks.
Bit
0123
4567
8
9
10
11
12
13
14
15
Field
TC1
—
TC6
TC7
TC8
—
Reset
0
0000
0000
0000
000
R/W
R/W
Figure 21. TCGER
Table 37.
TCGER Field Descriptions
Name
Description
Settings
TC1
0
TC1 Event
Indicates whether a TC layer 1 event occurred.
0
No event.
1
One or more bits are set in TC1 event
register.
—
1–4
Reserved. Write to 0 for future compatibility.
TC6
0
TC6 Event
Indicates whether a TC layer 6 event occurred.
0
No event.
1
One or more bits are set in TC6 event
register.
TC7
0
TC7 Event
Indicates whether a TC layer 7 event occurred.
0
No event.
1
One or more bits are set in TC7 event
register.
TC8
0
TC8 Event
Indicates whether a TC layer 8 event occurred.
0
No event.
1
One or more bits are set in TC8 event
register.
—
8–15
Reserved. Write to 0 for future compatibility.
Bit
0123
4567
8
9
10
11
12
13
14
15
Field
CD1
—
CD6
CD7
CD8
—
Reset
0
0000
0000
0000
000
R/W
R
Figure 22. TCGSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com