Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
73
CPM37
Requirement for Software to Disable FCC After Error
Date Added: 5/30/2000
Description: There are four errors in the FCC transmitter that require software to disable and en-
able the transmitter before it can continue to operate correctly. The four errors are:
1.
CTS-LOST indication in the HDLC transmitter
2.
Late collision in the fast ethernet transmitter
3.
Underrun in any of the FCC transmitter protocols
4.
Expiration of RL in fast ethernet
Workaround: None available.
System Number: 4040, 3980, 2314
Fix Plan: Specification was changed to include details for error handling software.
0K40A
1K42A
2K42A
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask
SIU13
SDAMUX not Valid in Single-MSC8103 Mode
Date Added: 3/14/2002
Description: SDAMUX
signal is disabled (stuck at ’0’) when SDRAM machine handles the
memory access and the chip is programmed to single-MSC8103 mode (BCR[EBM]=0).
Workaround: None.
0K40A
1K42A
2K42A
2K87M
SIU16
Bus Busy Disable Mode Can Hang 60X Bus in Multi-Master Systems
Date Added: 5/21/2002
Description: The bus busy disable mode (SIUMCR[BBD=1]) can not be used if the MSC8103
is not the only master on the 60x-compatible bus. Using this mode in such a system can cause the
60x-compatible bus to hang.
Workaround:
1.
If the external master supports the ABB signal, do not use the bus busy disable mode and
connect this signal to the MSC8103. The DBB signal can either be connected or can be
pulled up.
2.
If the external master does not support the ABB signal do one of the following:
a. Do not use the bus busy disable mode and generate the ABB signal
externally. The DBB signal can either be connected or can be pulled up.
The following external ABB implementation should be sufficient to work
around the problem: Assert the ABB signal whenever a qualified bus
grant for the external master is sampled (Bus grant asserted while
ARTRY
and ABB are deasserted). Deassert the ABB signal when there is
no qualified bus grant. The deassertion of ABB should be as follows:
Drive ABB to VDD for half a clock cycle and then stop driving it (high
impedance).
b. If using the internal arbiter and up to two external masters, connect the
external bus grants (through an AND gate if more than one) to an
available external bus request and define the priority for that request to
be the highest in the PPC_ALRH register. The DBB signal can either be
connected or can be pulled up.
Fix Plan: TBD
2K87M
Table 49. Errata Resolved by Specification Change in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com