Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 45Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
44
Freescale Semiconductor
CPM
14.4.3 TC Layer Support
The TC layer block is shown in Figure 15. The transmit and the receive parts are independent; the only case in
which they are synchronized is in cell echo mode.
14.4.4 Signals
The TC layer operates via an SI TDM port or NMSI port using a serial protocol. Synchronization signals are
required for some applications and must be supported. Table 33 describes the signals for operating the TC layer.
Figure 15. TC Layer Block Diagram
Table 33. TC Layer Signals
Signal
Direction
Description
TXC
Input
Transmit Clock. Clocks Tx data out of the TC to external device.
TXD
Output
Transmit Data from TC to external device.
Tx Sync
Input
Transmit Synch. Synchronizes the transmit data to the beginning of a frame.
RXC
Input
Receive Clock. Clocks the data into the TC.
RXD
Input
Receive Data. From external device to the TC.
Rx Sync
Input
Receive Synch. Synchronizes the received data. Not required in NMSI mode.
SI
PowerQUICC II
TC Layer
PHY
Rx Cell
Functions
• cell delineation
• descrambling
• coset
• HEC error
correction
Tx UTOPIA I/F
Rx UTOPIA I/F
(PHY)
(PHY)
Tx Serial I/F
Rx Serial I/F
Counters
Registers
FCC2
one channel
Rx
Tx
DBB Bus
UTOPIA
Rx I/F
UTOPIA
Tx I/F
M-PHY
M-PHY
detection and
Rx FIFO
Tx FIFO
Tx Cell
Functions
• HEC generation
• scrambling
• coset
• rate adaptation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com