Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
69
CPM64
AAL5 RxBD[LNE] error generated if PDU length exceeds 65512 bytes
Date Added: 5/31/2001
Description: When the CPM receives an AAL5 PDU between 65512-65535 bytes (maximum
length) the CPM sets the RxBD[LNE] indicating a receive length error, however the memory
buffer contents for the PDU are correct.
Workaround: Receive AAL5 PDU less than 65512 bytes or use microcode patch.
System Number: 7025
0K40A
1K42A
2K42A
CPM65
SS7 Microcode in ROM does not function correctly
Date Added: 8/5/2001
Description: The SS7 microcode in ROM does not function correctly and should not be used.
Workaround: Use the Enhanced SS7 microcode package.
0K40A
1K42A
2K42A
CPM71
CPM does not snoop MCC buffer descriptors.
Date Added: 8/5/2001
Description: When the MCC performs a DMA read or write of the buffer descriptor, GBL is not
asserted and TC2 is always driven low.Therefore cache snooping will not be enabled for MCC
BDs, therefore BDs in memory will not match the data cache. Also the bus used for the DMA is
always the 60x, therefore if the BDs are on the local bus then the DMA consumes bandwidth on
both the 60x and Local bus.
Workaround: If GBL and/or TC2 are set in the MCC TSTATE/RSTATE parameters, use mi-
crocode patch available from Freescale which fixes the above problem. If GBL and TC2 are not
set to improve performance move the MCC BDs to the 60x bus. The microcode patch will fix both
the GBL/TC2 and the bus performance issue.
System Number: 7018
0K40A
1K42A
2K42A
CPM72
MCC Global Underruns
Date Added: 8/5/2001
Description: An MCC transmitter global underrun (GUN) error may result from intensive activ-
ity on FCC1 (e.g.burst of short back to back Ethernet frames).This is due to the prioritization of
the MCC transmitter relative to FCC1 receiver and transmitter as well as the MCC receiver.
Workaround: Each serial channel above can request a service at normal or emergency level. In
case of emergency, the request is handled before normal (non-emergency) request of the channels
at a higher priority level.The proposed change is to allow the MCC transmitter to assert an emer-
gency request instead of normal request. The impact on FCC1 in this case is minimal.This feature
will controlled by a new MCC mode bit in future MSC8101 revisions. This new MCC mode bit
will allow users to continue to use the current CPM priority scheme in their applications if re-
quired.
0K40A
1K42A
2K42A
CPM73
SI RAM Corruption
Date Added: 8/5/2001
Description: (7049)An access to the SI RAM bank from the 60x bus while the corresponding
TDM is active may result in data corruption within the SI RAM.
Workaround: Associate the SI RAM bank with an inactive TDM before attempting to access it.
Once the accesses has been made, the SI RAM bank should be re-assigned to the active TDM.
System Number: 7049
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com