Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  EB632 Datasheet HTML 1Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 2Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 3Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 4Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
SIU
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
3
3SIU
3.1
Internal Memory Map Register (IMMR) Change
The IMMR is updated in 2K87M to reflect the mask change. The MASKNUM bit field has changed to 0x12 to
reflect the correct revision level.
Memory Map
IMMMR
Not supported
Added
SCCR
Not supported
Added
Memory
Controller
ORx in UPM mode
Bit 27 is a Wait State bit. When bit 27 is
set, it add one wait state to the memory
cycle.
Bit 27 is reserved.
Host Port
(HDI16)
ICR and ISR
ICR and ISR do not support HDI6 bursts
of different sizes
ICR and ISR redefined to support HDI16
burst of several sizes.
Direct
Memory
Access
(DMA)
controller
Transfer Code (TC) bit definitions
As defined in Table 31 of this document.
The Transfer Code (TC) bit definitions
are modified to conform to the original
specification as listed in Table 31 of this
document.
Interrupts
SCPRR_L and SCPRR_L_EXT
YC1P–YC8P field definitions
The value 100 is reserved.
The value 100 = “TC layer asserts its
request in the YCCn position.”
Interrupt vector 44
Reserved
Assigned to TC layer interrupt.
JTAG/
EOnCE
system
JTAG ID
0x0188101D
0x1188101D
EOnCE Status Register (ESR)
values
ESR[REVNO] = 1
ESR[CORETP] = 0
ESR[REVNO] = 2
ESR[CORETP] = 2
EFCOP
Enhanced Filter Coprocessor
Supported as defined in the
MSC8101
Reference Manual
Not supported
CPM
RISC Controller Configuration
Register (RCCR)
Enable RAM Microcode (ERAM) field 3
bits wide
Enable RAM Microcode (ERAM) field
changed to 4 bits wide
Dual-port RAM
24 KB
32 KB
IMA functionality
Not available
Added
Serial Interface (SI) and time-slot
assigner (TSA)
No TSA layer functionality.
TC layer functionality added to the TSA
for ATM with a new interrupt (vector 44)
All
Errata
Documented in the current errata list
See Table 48, Table 49, and Table 50 for
details.
Bootloader
Program
Code list
Available upon request.
Listed in Appendix A
Table 1. Difference Summary for MSC8101 Mask Set 2K42A and MSC8103 Mask Set 2K87M (Continued)
Module
Function
MSC8101 Mask Set 2K42A
MSC8103 Mask Set 2K87M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com