Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
70
Freescale Semiconductor
Errata
CPM74
FCC HDLC Controller Stops Transmitting When Using Nibble Mode With MFF=0
Date Added: 8/27/2001
Description: When running an FCC in HDLC nibble mode with the multi-frame per FIFO bit off
(MFF=0) the CPM may lose synchronization with the FCC HDLC controller. As a result the
HDLC controller will get stuck and stop transmission.
Workaround: When running the FCC in HDLC nibble mode set the MFF=1 or alternatively run
the FCC in HDLC bit mode.
0K40A
1K42A
2K42A
CPM76
First transmitted bit zero in FCC Transparent Mode with GFMR[CTSS]=1
Date Added: 8/27/2001
Description: When using an FCC in transparent mode the first bit of a frame is transmitted as
zero every time RTS is asserted before CTS is asserted when CTS is sampled synchronously with
data (GFMR[CTSS]=1). If CTS is in pulse mode (GFMR[CTSP]=1) only the first frame is affect-
ed because CTS is ignored thereafter. If CTS is not in pulse mode (GFMR[CTSP]=0) then every
frame is affected separately.
Workaround: If the receiver synchronizes on a 8/16-bit sync pattern stored in the FDSR register
(GFMR[SYNL]=1x) ensure that the synchronization pattern starts with a “0”. If no synchroniza-
tion pattern is used (GRMR[SYNL]=0x) add a one-byte dummy buffer before sending the real
data buffers.
0K40A
1K42A
2K42A
CPM79
FCC Fast Ethernet Flow Control
Date Added: 3/14/2002
Description: When the FCC receives a flow control pause message with MAC parameter
=0xffff, it sets a zero delay instead of maximum delay.
0K40A
1K42A
2K42A
CPM80
MCC CES User Template
Date Added: 3/14/2002
Description: If the transparent MCC Tx CES channel requires the user template
(CHAMR[UTM]=1) only the first 8 bytes of the user defined pattern are transmitted. Then the
transmitter will continue to send bytes 4-7 of the pattern continuously until the counter reaches 0.
Any bytes defined in the pattern after byte 7 are never transmitted.
Workaround: Use a template size of 8 bytes.
0K40A
1K42A
2K42A
CPM85
Only One BSY Interrupt Generated for AAL0
Date Added: 5/21/2002
Description: When using AAL0, only one BSY interrupt will be received regardless of the num-
ber of BSY events that are generated.
Workaround: None.
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com