Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  EB632 Datasheet HTML 1Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 2Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 3Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 4Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
2
Freescale Semiconductor
Summary of Differences
•
Interrupt system changes:
— CPM Low Interrupt Priority Registers (SCPRR_L and SCPRR_L_EXT) definitions
— Assignment of interrupt vector 44 to transmission convergence (TC) layer request
•
Debugging system changes:
— JTAG ID
— EOnCE Status Register (ESR) values
•
Removal of Enhanced Filter Coprocessor (EFCOP) support
•
Communications processor module (CPM) changes:
— RISC Controller Configuration Register (RCCR)
— Dual-port RAM
— Addition of ROM-based inverse multiplexing for ATM (IMA) microcode
— Addition of TC layer functionality to the time-slot assigner (TSA) with support through FCC2
— Addition of new MCC host commands
•
Errata
•
New bootloader program
2
Summary of Differences
Table 1 lists a summary of the differences between MSC8101 mask set 2K42A and MSC8103 mask set 2K87M.
Table 1. Difference Summary for MSC8101 Mask Set 2K42A and MSC8103 Mask Set 2K87M
Module
Function
MSC8101 Mask Set 2K42A
MSC8103 Mask Set 2K87M
System
Interface
Unit (SIU)
Internal Memory Map Register
(IMMR)
MASKNUM bit field = 0x02
MASKNUM bit field = 0x12
Internal Memory Map Mirror
Register (IMMMR)
Not supported
Added
Reset
Supported modes
Host reset and hardware reset
Host reset, hardware reset, and reduced
reset
Hardware reset configuration word
Seventeen fields defined
Eighteen fields defined--software
watchdog disable (SWDIS) bit added
Boot
Boot sources supported
From host (HDI16) or external memory
(system bus)
From host (HDI16), external memory
(system bus), or serial EPROM (I2C
interface)
Clock
Clock Scheme
Clock scheme configures SPLL PDF,
SPLL MF, and Bus DF
Clock scheme configures SPLL PDF,
SPLL MF, Bus DF, CPM DF, Core DF,
CPLL PDF, and CPLL MF
System Clock Mode Register
(SCMR)
Defines seven fields
Defines eight fields
System Clock Control Register
(SCCR)
Defines one field (DFBRG)
Defines two fields (CLKODIS and
DFBRG)
Clock modes
Two valid modes
Twenty-seven valid modes
CLKIN-to-CLKOUT delay
A function of frequency
Not a function of frequency
Enabling the DLL
DLL-enabled mode is not supported and
designs must use a zero-delay clock
buffer.
To enable the DLL, the zero-delay clock
buffer recommended for the 2K42A
mask set must be placed in PLL-bypass
mode or replaced.
Disabling the DLL
—
For clock modes 5, 6, 46, and 57, apply
offsets to DLL-disabled timing.
Maximum clock frequencies
BCLK/CLKOUT/SCLK = 68.75 MHz
CPMCLK = 137.5 MHz
DSPCLK = 275 MHz
BCLK/CLKOUT/SCLK = 100 MHz
CPMCLK = 200 MHz
DSPCLK = 300 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com