Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
74
Freescale Semiconductor
Errata
SIU18
ARTRY Assertion When Using Pipeline Depth of Zero
Date Added: 10/15/2002
Description: Internal (60x) slave maintains a pipeline depth of zero by asserting AACK only af-
ter TA. When ARTRY is asserted the 60x bus access will be terminated and TA will not be as-
serted. Therefore the Internal (60x) slave will not assert AACK since TA was not asserted.
Workaround: Use a pipeline depth of one (BCR[PLDP]=0) for applications that require mem-
ory coherency.
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
SIU19
Bus Monitor Timeout When Using External Slave
Date Added: 10/15/2002
Description: When using an external 60x bus slave with the bus monitor activated, PSDVAL is
not asserted when the external slave is accessed, which could cause the bus monitor to time-out
and TEA to be asserted.
Workaround: The following workarounds
1.
Use pipeline depth of zero (BCR[PLDP]=1) when using an external 60x bus slave.
2.
Disable 60X bus monitor, SYPCR[PBME]=0.
3.
If the external 60x bus slave is another 810x or 826x device, connect the PSDVAL
signals together.
Fix Plan: TDB
0K40A
1K42A
2K42A
2K87M
QSIU4
Extended Mode on Local Bus
Date Added: 6/13/2000
Description: Using Extended mode on the local bus can generate incorrect transactions in certain
combinations of consecutive reads and writes.
Workaround: Do not use Extended mode on the local bus.
System Number: 5959
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
EFC1
Inaccurate EFCOP IIR Outputs for Two or Fewer Coefficients
Date Added: 8/15/2000
Description: When using normal (dual) DMA or flyby DMA transfers which have a maximum
transfer size greater than 32 bits with the EFCOP to perform IIR filtering with two or less IIR co-
efficients, the first output of the IIR filter is lost. The rest of the outputs are shifted and inaccurate.
Workaround: Use only DMA 32-bit maximum transfer size for both input and output channels.
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
GEN3
Device Withstands ESD CDM Stress of 400 V Instead of 500 V
Date Added: 10/31/2002
Description: Device meets the ESD specifications for Human Body Model (HBM) of 1000 V
and Machine Model (MM) of 100 V but does not withstand the Charged Device Model (CDM)
of 500 V. All pins are guaranteed to withstand CDM of 400 V.
Workaround: NA
Fix Plan: TBD
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com